|
MC78PC50NTRG - Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator 150mA, 5.0V Output, Low Drop Out CMOS Linear Voltage Regulator; Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 150mA, 1.8V, Low Noise Low Drop Out (LDO) Linear Voltage Regulator -Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO5 |
|
|
Full text search : Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator 150mA, 5.0V Output, Low Drop Out CMOS Linear Voltage Regulator; Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 150mA, 1.8V, Low Noise Low Drop Out (LDO) Linear Voltage Regulator -Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO5 |
|
Related Part Number | ||||||||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||||||||
Related keyword From Full Text Search System | ||||||||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||||||||